Part Number Hot Search : 
1SMA5934 RDAQ20T 4050B 2N3658 101500 GBU8A 10150C TIP147
Product Description
Full Text Search
 

To Download 15FMCJ91A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS 1.5FMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1500 WATT PEAK POWER 5.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 1500 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-214AB
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types 1.5FMCJ6.8 thru 1.5FMCJ400 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Peak Power Dissipation with a 10/1000uS ( Note 1,2, Fig.1 ) Peak Pulse Current with a 10/1000uS Waveform ( Note 1, Fig.3 ) Steady State Power Dissipation at TL = 75oC ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine wavesuperimmposed on rated load( JEDEC METHOD )( Note 2,3 ) Maximum Instantaneous Forward Voltage at 50A for unidirectional only ( Note 3,4 ) Operating and Storage Temperature Range
o
SYMBOL PPPM IPPM PM(AV) IFSM VF TJ, TSTG
VALUE Minimum 1500 SEE TABLE 1 5.0 100 SEE NOTES 4 -65 to + 175
UNITS Watts Amps Watts Amps Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on 0.31 X 0.31" (8.0 X 8.0mm) copper pads to each terminal. 3. Measured on 8.3mS single half sine-wave or equivaient square wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V on 1.5FMCJ6.8 thru 1.5FMCJ90 diveces and VF = 5.0V on 1.5FMCJ100 thru 1.5FMCJ400 devices.
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of 15FMCJ91A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X